|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
4.5M Network Search Engine (NSE) with 2 Port AMCC XSC Interface Advanced Information IDT75K52213 To request the full datasheet, please contact your local IDT Sales Representative or call 1-831-754-4555 Introduction As part of the IDT IP Co-Processor product family, IDT delivers high performance, feature-rich, easy-to-use, Network Search Engine (NSE) products. Using CAM (Content Addressable Memory) technology, IDT NSE products accelerate search functions for Access Control Lists (ACL), Flow Caching, and forwarding to improve performance in next generation networking equipment. Device Description The NSE 2 Port XSC interface is intended to work with any AMCC NPU with an external search co-processor interface (XSC). It will operate with multiple NPUs such as the nP3400 and nP7250, or can be used to satisfy the multiple XSC requirements of the nP7510. The 75K52213 is compliant with the XSC specification and the device may be optionally expanded up to eight devices deep providing 1 million entries of 32-bit width. Features x x x x x x x x x x x x x 64K x 72 (4.5M) Data and Mask cells Full Ternary Content Addressable Memory Advanced Database Management - Selectable Databases - Programmable Width per Database - Lookup widths from 32 to 512 bits - Only the selected Database is powered Maintenance Instructions - Aging - Multi Hit Invalidate - Learn per Database Support for Multiple Contexts Pool of Global Mask Registers Control and Management - 32-bit Host control port featuring glueless PPC interface - Capable of In-Band Control and Management Associated Data SRAM is supported through a glueless ZBT(R) interface Lowest Power per Application Synchronous Pipeline Operation Boundary Scan JTAG Interface 1.2V Core Supply 3.3V I/O Supply for XSC I/O and ZBT(R) SRAM Figure 1.0 AMCC NPU Interface CPU Port May be expanded up to 8 NSE devices Optional CPU NPU#0 NSE #0 CPU Request CPU ASSOCIATED ZBT SRAM NSE #1 Request NSE #2 2 NPU Response Ports NPU#1 2 NPU Request Ports One or two XSC Interfaces can be enabled Result Interface 6107 dw00 APRIL 2003 1 (c) 2002 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. DSC-6107/00 |
Price & Availability of IDT75K52213 |